Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC211ICT Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce TSC211ICT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211ICT Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button TSC211ICT Datasheet HTML 19Page - STMicroelectronics TSC211ICT Datasheet HTML 20Page - STMicroelectronics TSC211ICT Datasheet HTML 21Page - STMicroelectronics TSC211ICT Datasheet HTML 22Page - STMicroelectronics TSC211ICT Datasheet HTML 23Page - STMicroelectronics TSC211ICT Datasheet HTML 24Page - STMicroelectronics TSC211ICT Datasheet HTML 25Page - STMicroelectronics TSC211ICT Datasheet HTML 26Page - STMicroelectronics TSC211ICT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Figure 44 suggests a possible routing for the TSC21x, in order to minimize as much as possible parasitic effect.
Figure 44. Recommended layout
6.11
EMI rejection ration (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of a current
sensing device. An adverse effect that is common to many current sensings is a change in the offset voltage as a
result of RF signal rectification.
A first order internal low pass filter is included on the input of the TSC21x to minimize susceptibility to EMIRR.
Figure 45 shows the EMIRR on pin IN+, Figure 46 shows the EMIRR on pin IN- of the TSC21x measured from 10
MHz up to 2.4 GHz.
Figure 45. EMIRR on pin+
Figure 46. EMIRR on pin-
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
EMI rejection ration (EMIRR)
DS13237 - Rev 6
page 23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38