Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNF1048F Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Fiches technique(HTML) 5 Page - STMicroelectronics

  VNF1048F Datasheet HTML 1Page - STMicroelectronics VNF1048F Datasheet HTML 2Page - STMicroelectronics VNF1048F Datasheet HTML 3Page - STMicroelectronics VNF1048F Datasheet HTML 4Page - STMicroelectronics VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Symbol
Parameter
Value
Unit
Tstg
°C
Storage temperature
-55 to 150
1. All pins except corners.
2. Corner pins.
2.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Typ. value
Unit
Rthj-amb
Thermal resistance junction-ambient (JEDEC JESD 51-5) (1)
56
°C/W
Rthj-amb
Thermal resistance junction-ambient (JEDEC JESD 51-7)
26
1. Device mounted on two-layer 2s0p PCB with 2 cm² heatsink copper trace
VNF1048F
Thermal data
DS13084 - Rev 6
page 5/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52