Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC210 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button TSC210_V01 Datasheet HTML 26Page - STMicroelectronics TSC210_V01 Datasheet HTML 27Page - STMicroelectronics TSC210_V01 Datasheet HTML 28Page - STMicroelectronics TSC210_V01 Datasheet HTML 29Page - STMicroelectronics TSC210_V01 Datasheet HTML 30Page - STMicroelectronics TSC210_V01 Datasheet HTML 31Page - STMicroelectronics TSC210_V01 Datasheet HTML 32Page - STMicroelectronics TSC210_V01 Datasheet HTML 33Page - STMicroelectronics TSC210_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Figure 53. QFN10 detail A package outline
Table 8. QFN10 mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.70
0.75
0.80
A1
0.0
0.05
A3
0.203REF
b
0.15
0.20
0.25
D
1.35
1.40
1.45
e
0.40 BSC
E
1.75
1.80
1.85
L1
0.10
0.20
0.30
L2
0.25
0.35
0.45
L3
0.10
0.20
0.30
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
QFN10 package information
DS13237 - Rev 6
page 30/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38