| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0C1NET3 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET3 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 159 page ![]() 24 24 35 35 B3 45 45 D7 59 73 C11 PA13 I/O FT_es (5) SWDIO, IR_OUT, USB_NOE, EVENTOUT, LPUART2_RX - 25 25 36 36 B5 46 46 C7 60 74 B12 PA14-BOOT0 I/O FT_s (5) SWCLK, USART2_TX, EVENTOUT, LPUART2_TX BOOT0 26-37 37 A2 47 47 C6 61 75 B11 PA15 I/O FT_s - SPI1_NSS/I2S1_WS, USART2_RX, TIM2_CH1_ETR, MCO2, USART4_RTS_DE_CK, USART3_RTS_DE_CK, USB_NOE, EVENTOUT, I2C2_SMBA, SPI3_NSS - - - - - - 48 48 A8 62 76 C10 PC8 I/O FT_s - UCPD2_FRSTX, TIM3_CH3, TIM1_CH1, LPUART2_CTS - - - - - - 49 49 B7 63 77 A12 PC9 I/O FT_s - I2S_CKIN, TIM3_CH4, TIM1_CH2, LPUART2_RTS_DE, USB_NOE - - 2638 38 A4 5050 A7 64 78 B10 PD0 I/O FT_cs (3) EVENTOUT, SPI2_NSS/I2S2_WS, TIM16_CH1, FDCAN1_RX UCPD2_CC1 - 2739 39 C6 5151 B6 65 79 C9 PD1 I/O FT_ds (3) EVENTOUT, SPI2_SCK/I2S2_CK, TIM17_CH1, FDCAN1_TX UCPD2_DBCC1 - 2840 40 B7 5252 A6 66 80 A11 PD2 I/O FT_cs (3) USART3_RTS_DE_CK, TIM3_ETR, TIM1_CH1N, USART5_RX UCPD2_CC2 - 2941 41 A6 5353 D5 67 81 C8 PD3 I/O FT_ds (3) USART2_CTS, SPI2_MISO/I2S2_MCK, TIM1_CH2N, USART5_TX UCPD2_DBCC2 - - - - - 54 54 C5 68 82 B9 PD4 I/O FT_s - USART2_RTS_DE_CK, SPI2_MOSI/I2S2_SD, TIM1_CH3N, USART5_RTS_DE_CK - - - - - - 55 55 B5 69 83 A10 PD5 I/O FT - USART2_TX, SPI1_MISO/I2S1_MCK, TIM1_BKIN, USART5_CTS - - - - - - 56 56 A5 70 84 A9 PD6 I/O FT - USART2_RX, SPI1_MOSI/I2S1_SD, LPTIM2_OUT - Table 12. Pin assignment and description (continued) Pin number Pin name Alternate functions Additional functions |