Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF6366UCU Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM8AF6366UCU
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366UCU Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM8AF6366UCU Datasheet HTML 27Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 28Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 29Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 30Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 31Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 32Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 33Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 34Page - STMicroelectronics STM8AF6366UCU Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
DocID031156 Rev 1
31/116
STM8AF6388
Pinouts and pin description
114
Figure 6. STM8AF62xx LQFP/VFQFPN 32-pin pinout
1. HS stands for high sink capability.
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
910 11 12 13 14 1516
1
2
3
4
5
6
7
8
VCAP
VDD
VDDIO
AIN12/PF4
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1
PE5/SPI_NSS
PC7/SPI_MISO
PC6/SPI_MOSI
PC5/SPI_SCK
PC4 (HS)/TIM1_CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More