Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0C1NET6X Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STM32G0C1NET6X
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET6X Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STM32G0C1NET6X Datasheet HTML 76Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 77Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 78Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 79Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 80Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 81Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 82Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 83Page - STMicroelectronics STM32G0C1NET6X Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
80/159
DS13564 Rev 4
TIM7
APB
0.8
0.7
0.8
TIM14
APB
1.4
1.2
1.3
TIM15
APB
4.2
3.5
3.9
TIM16
APB
2.7
2.3
2.5
TIM17
APB
0.8
0.7
0.7
LPTIM1
APB
3.3
2.7
3.1
LPTIM2
APB
3.2
2.7
3.1
I2C1
APB
3.6
3.0
3.3
I2C2
APB
3.4
2.8
3.2
I2C3
APB
0.9
0.7
0.8
SPI1
APB
2.2
1.9
2.1
SPI2
APB
2.1
1.7
2.0
SPI3
APB
1.4
1.2
1.3
USART1
APB
7.4
6.2
6.9
USART2
APB
7.4
6.2
7.0
USART3
APB
7.4
6.2
6.9
USART4
APB
2.1
1.8
2.0
USART5
APB
2.3
1.9
2.1
USART6
APB
2.2
1.8
2.1
LPUART1
APB
4.5
3.7
4.2
LPUART2
APB
4.9
4.1
4.6
ADC
APB
2.4
2.0
2.3
DAC1
APB
1.9
1.6
1.8
SYSCFG/VREFBUF/COMP
APB
0.5
0.4
0.5
CEC
APB
0.4
0.3
0.3
CRS
APB
0.2
0.2
0.3
USB
APB
3.3
2.7
3.0
FDCAN
APB
16
13
15
UCPD1
APB
4.0
7.9
59.0(2)
UCPD2
APB
4.0
7.9
59.5(2)
1. The AHB to APB Bridge is automatically active when at least one peripheral is ON on the APB.
2. UCPDx are always clocked by HSI16.
Table 36. Current consumption of peripherals (continued)
Peripheral
Bus
Consumption in µA/MHz
Range 1
Range 2
Low-power run
and sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More