Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25TV64K Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button ST25TV64K Datasheet HTML 73Page - STMicroelectronics ST25TV64K Datasheet HTML 74Page - STMicroelectronics ST25TV64K Datasheet HTML 75Page - STMicroelectronics ST25TV64K Datasheet HTML 76Page - STMicroelectronics ST25TV64K Datasheet HTML 77Page - STMicroelectronics ST25TV64K Datasheet HTML 78Page - STMicroelectronics ST25TV64K Datasheet HTML 79Page - STMicroelectronics ST25TV64K Datasheet HTML 80Page - STMicroelectronics ST25TV64K Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
A.4
EOF when using one subcarrier
A.4.1
High data rate
For the Fast commands, the EOF comprises a logic 0 that includes four pulses at 423.75 kHz and an
unmodulated time of 9.44 µs, followed by 12 pulses at 423.75 kHz (fC / 32) and an unmodulated time of 37.76 µs,
as shown in Figure 44.
Figure 44. End of frame, high data rate, one subcarrier, fast commands
56.64 µs
18.88 µs
A.4.2
Low data rate
For the fast commands, the EOF comprises a logic 0 that includes 16 pulses at 423.75 kHz and an unmodulated
time of 37.76 µs, followed by 48 pulses at 423.75 kHz (fC / 32) and an unmodulated time of 113.28 µs, as shown
in Figure 45.
Figure 45. End of frame, low data rate, one subcarrier, fast commands
226.56 µs
75.52 µs
Note:
For SOF and EOF in fast commands, bit coding using two subcarriers is not supported.
ST25TV16K ST25TV64K
EOF when using one subcarrier
DS11489 - Rev 9
page 77/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87