Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF6388UDY Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM8AF6388UDY
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388UDY Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM8AF6388UDY Datasheet HTML 28Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 29Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 30Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 31Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 32Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 33Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 34Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 35Page - STMicroelectronics STM8AF6388UDY Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
Pinouts and pin description
STM8AF6388
32/116
DocID031156 Rev 1
Figure 7. STM8AF52x6 VFQFPN32 32-pin pinout
1. The following I/O ports are not automatically configured by hardware: PA3, PA4, PA5, PA6, PF4, PB6,
PB7, PE0, PE1, PE2, PE3, PE6, PE7. As a consequence, they must be put into one of the following
configurations by software:
- configured as input with internal pull-up/down resistor,
- configured as output push-pull low.
2. HS stands for high sink capability.
916
8
1
2
3
4
5
6
7
10
11
15
14
13
12
32
25
31
30
26
27
28
29
17
24
23
22
21
20
19
18
PG1
PE5
PC1 (HS)/TIM1_CH1
PC2 (HS)/TIM1_CH2
PC3 (HS)/TIM1_CH3
PC4 (HS)/TIM1_CH4
PC5
PG0
PA6
V DDIO
VDD
VCAP
VSS
OSCOUT/PA2
OSCIN/PA1
NRST
MSv47786V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More