| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS180-01 Fiches technique(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS180-01 Fiches technique(HTML) 7 Page - Renesas Technology Corp |
|
7 / 10 page ![]() ICS180-01 LOW EMI CLOCK GENERATOR SSCG IDT™ / ICS™ LOW EMI CLOCK GENERATOR 7 ICS180-01 REV D 051310 Marking Diagram (ICS180M-01LF) Marking Diagram (ICS180MI-01LF) Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “L” or “LF” denotes Pb (lead) free package. 4. “I” denotes industrial temperature range. 5. Bottom marking: country of origin. 180M01LF ###### YYWW 14 5 8 180MI01L ###### YYWW 14 5 8 |