Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32C011F6U3 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce STM32C011F6U3
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U3 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button STM32C011F6U3 Datasheet HTML 86Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 87Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 88Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 89Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 90Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 91Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 92Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 93Page - STMicroelectronics STM32C011F6U3 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
Package information
STM32C011x4/x6
90/94
DS13866 Rev 3
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks that identify the parts throughout supply chain
operations, are not indicated below.
Figure 38. UFQFPN20 package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MS55849V1
Date code
Pin 1 identifier
C166
Product identification(1)
Y
WW
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94