Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPERGAN50TR Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce VIPERGAN50TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN50TR Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button VIPERGAN50TR Datasheet HTML 26Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 27Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 28Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 29Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 30Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 31Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 32Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 33Page - STMicroelectronics VIPERGAN50TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Table 8. QFN 5x6 mechanical data
DRAWING (mm)
Ref.
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0.00
-
0.05
A3
0.10 REF
b
0.20
0.25
0.30
D
4.90
5.00
5.10
D1
See exposed pad variation
E
5.90
6.00
6.10
E1
See exposed pad variation
e
0.50 BSC
e1
1.00 BSC
L
0.30
0.40
0.50
Figure 36. QFN 5x6 narrow package information
VIPERGAN50
Package information
DS13888 - Rev 2
page 30/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37