| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPERGAN50 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPERGAN50 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 37 page ![]() Table 8. QFN 5x6 mechanical data DRAWING (mm) Ref. Min. Typ. Max. A 0.90 0.95 1.00 A1 0.00 - 0.05 A3 0.10 REF b 0.20 0.25 0.30 D 4.90 5.00 5.10 D1 See exposed pad variation E 5.90 6.00 6.10 E1 See exposed pad variation e 0.50 BSC e1 1.00 BSC L 0.30 0.40 0.50 Figure 36. QFN 5x6 narrow package information VIPERGAN50 Package information DS13888 - Rev 2 page 30/37 |