| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32U595QJ Fiches technique(PDF) 232 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ Fiches technique(HTML) 232 Page - STMicroelectronics |
|
232 / 377 page ![]() Electrical characteristics STM32U59xxx 232/377 DS13633 Rev 1 OCTOSPI1 indep(1) 1.10 1.00 0.90 0.81 - 0.54 0.45 0.38 0.29 - µA/ MHz OCTOSPI2 1.47 1.33 1.17 1.12 - 0.72 0.59 0.49 0.37 - OCTOSPI2 indep(1) 1.28 1.16 1.05 0.94 - 0.63 0.53 0.44 0.34 - SRAM5 2.16 1.96 1.74 1.62 - 1.06 0.87 0.73 0.56 - AHB3 0.16 0.13 0.11 0.10 - 0.07 0.05 0.05 0.04 - ADC4 1.42 1.31 1.18 1.05 1.17 0.67 0.58 0.49 0.38 0.43 ADC4 indep(1) 1.78 1.66 1.50 1.33 1.34 0.90 0.75 0.62 0.49 0.49 ADF1 1.08 1.00 0.90 0.79 0.91 0.49 0.44 0.37 0.28 0.33 ADF1 indep(1) 0.55 0.50 0.45 0.41 0.40 0.31 0.23 0.19 0.15 0.15 DAC1 1.63 1.51 1.35 1.20 1.33 0.77 0.66 0.56 0.44 0.49 DAC1indep(1) 1.00 0.92 0.83 0.75 0.75 0.50 0.42 0.35 0.27 0.27 GTZC2 1.31 1.20 1.09 0.96 - 0.60 0.53 0.45 0.34 - LPDMA1 0.40 0.38 0.34 0.29 0.41 0.16 0.16 0.14 0.11 0.15 LPGPIO1 0.09 0.08 0.07 0.06 0.18 0.04 0.03 0.03 0.02 0.06 PWR 0.18 0.17 0.15 0.13 - 0.09 0.07 0.06 0.05 - SRAM4 1.00 0.92 0.84 0.74 - 0.49 0.40 0.35 0.26 - APB1 1.16 0.90 0.79 0.76 - 0.48 0.38 0.33 0.24 - CRS 0.36 0.34 0.31 0.30 - 0.22 0.15 0.13 0.11 - FDCAN1 4.88 4.46 4.06 3.64 - 2.41 2.01 1.69 1.36 - FDCAN1 indep(1) 2.21 2.33 2.12 1.89 - 1.28 1.07 0.88 0.71 - I2C1 0.87 0.81 0.74 0.67 - 0.43 0.36 0.30 0.25 - I2C1 indep(1) 2.10 1.91 1.73 1.55 - 1.03 0.86 0.72 0.56 - I2C2 3.04 2.78 2.53 2.28 - 1.50 1.24 1.05 0.85 - I2C2 indep(1) 2.13 1.98 1.80 1.61 - 1.12 0.89 0.75 0.59 - I2C4 0.92 0.85 0.77 0.71 - 0.46 0.38 0.32 0.26 - I2C4 indep(1) 2.21 2.02 1.83 1.64 - 1.09 0.91 0.76 0.60 - I2C5 3.15 2.88 2.61 2.33 - 1.56 1.29 1.09 0.88 - I2C5 indep(1) 2.31 2.12 1.92 1.72 - 1.14 0.95 0.80 0.63 - Table 63. Typical dynamic current consumption of peripherals (continued) Bus Peripheral LDO SMPS Unit Range 1 Range 2 Range 3 Range 4 Stop 1/2 Range 1 Range 2 Range 3 Range 4 Stop 1/2 |