Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 152 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 152 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 148Page - STMicroelectronics STM32U595QJ Datasheet HTML 149Page - STMicroelectronics STM32U595QJ Datasheet HTML 150Page - STMicroelectronics STM32U595QJ Datasheet HTML 151Page - STMicroelectronics STM32U595QJ Datasheet HTML 152Page - STMicroelectronics STM32U595QJ Datasheet HTML 153Page - STMicroelectronics STM32U595QJ Datasheet HTML 154Page - STMicroelectronics STM32U595QJ Datasheet HTML 155Page - STMicroelectronics STM32U595QJ Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 377 page
background image
-
-
-
-
-
-
B10
J2
H14
-
-
-
-
B10
PI4
I/O FT_hvp
-
TIM8_BKIN,
SPI2_RDY,
HSPI1_NCLK,
DCMI_D5/PSSI_D5,
EVENTOUT
-
-
-
-
-
-
-
B3
C22
C4
-
-
-
-
B3
PI5
I/O
FT_hv
-
TIM8_CH1,
OCTOSPIM_P2_NCS,
DCMI_VSYNC/PSSI_R
DY, EVENTOUT
-
-
-
-
-
-
-
A2
D21
D5
-
-
-
-
A2
PI6
I/O FT_hvp
-
TIM8_CH2,
OCTOSPIM_P2_CLK,
DCMI_D6/PSSI_D6,
EVENTOUT
-
-
-
-
-
-
-
C3
J18
D4
-
-
-
-
C3
PI7
I/O FT_hvp
-
TIM8_CH3,
OCTOSPIM_P2_NCLK
, DCMI_D7/PSSI_D7,
EVENTOUT
-
-
-
-
-
-
-
-
J8
H13
-
-
-
-
-
PI8
I/O
FT_hv
-
HSPI1_DQS1,
EVENTOUT
-
-
-
-
-
-
-
B2
L24
K8
-
-
-
-
B2
VSS
S
-
-
-
-
-
-
-
-
-
-
B1
L2
L11
-
-
-
-
B1
VDD
S
-
-
-
-
-
-
-
-
-
-
-
H5
H12
-
-
-
-
-
PI9
I/O
FT_hv
-
HSPI1_IO8,
EVENTOUT
-
-
-
-
-
-
-
-
H7 G15
-
-
-
-
-
PI10
I/O
FT_hv
-
HSPI1_IO9,
EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More