Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF/P6389 Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce STM8AF/P6389
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF/P6389 Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button STM8AF/P6389 Datasheet HTML 96Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 97Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 98Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 99Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 100Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 101Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 102Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 103Page - STMicroelectronics STM8AF/P6389 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
Package information
STM8AF6388
100/116
DocID031156 Rev 1
Figure 53. LQFP48 marking example (package top view)
1. Parts marked as "ES","E” or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's quality department must be contacted to run a qualification activity prior to any decision to
use these engineering samples.
MS38335V1
Product
identification(1)
Pin 1 identifier
Revision code
Date code
YWW
Standard ST logo
XXXXXX
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More