Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545NET6QTR Fiches technique(PDF) 116 Page - STMicroelectronics

No de pièce STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Fiches technique(HTML) 116 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 112Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 113Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 114Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 115Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 116Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 117Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 118Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 119Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 283 page
background image
41
A7
57 D4 D11
91
B5
41
57 C4 91
C5
PB5
I/O
FT_hav
-
LPTIM1_IN1, TIM3_CH2,
OCTOSPI1_NCLK, I2C1_SMBA,
SPI1_MOSI, SPI3_MOSI(boot),
USART1_CK, UART5_CTS,
TSC_G2_IO2,
DCMI_D10/PSSI_D10,
SAI1_SD_B, TIM16_BKIN,
EVENTOUT
WKUP6
42
C7
58 A4 B11
92
A5
42
58 D3 92
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR, TIM4_CH1,
TIM8_BKIN2, I2C1_SCL(boot),
I2C4_SCL, USART1_TX,
TSC_G2_IO3,
DCMI_D5/PSSI_D5, SAI1_FS_B,
TIM16_CH1N, EVENTOUT
COMP1_INP6,
WKUP3
43
D8
59 D3 D13 93
A4
43
59 C3 93
B4
PB7
I/O FT_fhav
-
LPTIM1_IN2, TIM4_CH2,
TIM8_BKIN, I2C1_SDA(boot),
I2C4_SDA, USART1_RX,
UART4_CTS, TSC_G2_IO4,
DCMI_VSYNC/PSSI_RDY,
TIM17_CH1N, EVENTOUT
PVD_IN,
WKUP4
44
B8
60 A3 A12
94
A3
44
60 B4 94
A4
PH3-BOOT0
I/O
FT
-
EVENTOUT
BOOT0
45
A9
61 C3 C12 95
B4
45
61 B3 95
A3
PB8
I/O
FT_fh
-
TIM4_CH3, SAI1_CK1, I2C1_SCL,
MDF1_CCK0, SPI3_RDY,
SDMMC1_CKIN,
FDCAN1_RX(boot),
DCMI_D6/PSSI_D6,
SDMMC1_D4, SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
WKUP5
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More