| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32U545NET6QTR Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545NET6QTR Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 283 page ![]() This is information on a product in full production. February 2023 DS14216 Rev 1 1/283 STM32U545xx Ultra-low-power Arm® Cortex®-M33 MCU+TrustZone®+FPU, 240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto Datasheet - production data Features Includes ST state-of-the-art patented technology Ultra-low-power with FlexPowerControl • 1.71 V to 3.6 V power supply • –40 °C to +85/125 °C temperature range • Low-power background-autonomous mode (LPBAM): autonomous peripherals with DMA, functional down to Stop 2 mode • VBAT mode: supply for RTC, 32 x 32-bit backup registers and 2-Kbyte backup SRAM • 90 nA Shutdown mode (23 wake-up pins) • 200 nA Standby mode (23 wake-up pins) • 370 nA Standby mode with RTC • 1.4 μA Stop 3 mode with 16-Kbyte SRAM • 2.2 µA Stop 3 mode with full SRAM • 3.0 µA Stop 2 mode with 16-Kbyte SRAM • 4.6 µA Stop 2 mode with full SRAM • 16.3 μA/MHz Run mode @ 3.3 V Core • Arm® 32-bit Cortex®-M33 CPU with TrustZone®, MPU, DSP, and FPU ART Accelerator • 8-Kbyte instruction cache allowing 0-wait-state execution from flash and external memories: up to 160 MHz, 240 DMIPS • 4-Kbyte data cache for external memories Power management • Embedded regulator (LDO) and SMPS step-down converter supporting switch on-the-fly and voltage scaling Benchmarks • 1.5 DMIPS/MHz (Drystone 2.1) • 651 CoreMark® (4.07 CoreMark®/MHz) • 464 ULPMark™-CP • 125 ULPMark™-PP • 54 ULPMark™-CM • 137000 SecureMark™-TLS Memories • 512-Kbyte flash memory with ECC, 2 banks read-while-write, and 100 kcycles • 274-Kbyte SRAM including up to 64-Kbyte SRAM with ECC ON • 1 Octo-SPI memory interface Security and cryptography • PSA level 3 and SESIP level 3 certified • Arm® TrustZone® and securable I/Os, memories and peripherals • Flexible life cycle scheme with RDP and password protected debug • Root of trust thanks to unique boot entry and secure hide protection area (HDP) • Secure firmware installation (SFI) thanks to embedded root-secure services (RSS) • Secure data storage with hardware-unique key (HUK) • Secure firmware upgrade support with TF-M • 2 AES coprocessors including one with DPA resistance • Public key accelerator, DPA resistant • On-the-fly decryption of Octo-SPI external memories • HASH hardware accelerator LQFP48 (7 x 7 mm) LQFP64 (10 x 10 mm) LQFP100 (14 x 14 mm) UFQFPN48 (7 x 7 mm) WLCSP56 (3.38 x 3.38 mm) WLCSP72 (3.38 x 3.38 mm) UFBGA64 (5 x 5 mm) UFBGA100 (7 x 7 mm) www.st.com |
Numéro de pièce similaire - STM32U545NET6QTR |
|
Description similaire - STM32U545NET6QTR |