Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF6388 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM8AF6388
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM8AF6388 Datasheet HTML 26Page - STMicroelectronics STM8AF6388 Datasheet HTML 27Page - STMicroelectronics STM8AF6388 Datasheet HTML 28Page - STMicroelectronics STM8AF6388 Datasheet HTML 29Page - STMicroelectronics STM8AF6388 Datasheet HTML 30Page - STMicroelectronics STM8AF6388 Datasheet HTML 31Page - STMicroelectronics STM8AF6388 Datasheet HTML 32Page - STMicroelectronics STM8AF6388 Datasheet HTML 33Page - STMicroelectronics STM8AF6388 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
Pinouts and pin description
STM8AF6388
30/116
DocID031156 Rev 1
Figure 5. LQFP 48-pin pinout
4. HS stands for high sink capability.
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
USART_CK/PA6
PC1 (HS)/TIM1_CH1
PE5/SPI_NSS
PG1
VSSIO_2
PC5/SPI_SCK
PC4 (HS)/TIM1_CH4
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PG0
PC7/SPI_MISO
PC6/SPI_MOSI
VDDIO_2
VSS
VCAP
VDD
VDDIO_1
TIM2_CH3/PA3
USART_RX/PA4
USART_TX/PA5
NRST
OSCIN/PA1
OSCOUT/PA2
VSSIO_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More