Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B3AI Fiches technique(PDF) 229 Page - STMicroelectronics

No de pièce STM32H7B3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI Fiches technique(HTML) 229 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 225Page - STMicroelectronics STM32H7B3AI Datasheet HTML 226Page - STMicroelectronics STM32H7B3AI Datasheet HTML 227Page - STMicroelectronics STM32H7B3AI Datasheet HTML 228Page - STMicroelectronics STM32H7B3AI Datasheet HTML 229Page - STMicroelectronics STM32H7B3AI Datasheet HTML 230Page - STMicroelectronics STM32H7B3AI Datasheet HTML 231Page - STMicroelectronics STM32H7B3AI Datasheet HTML 232Page - STMicroelectronics STM32H7B3AI Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 238 page
background image
3.23
Voltage reference buffer (VREFBUF) ............................................. 23
3.24
Ultra-low-power comparators (COMP) ............................................ 23
3.25
Operational amplifiers (OPAMP) ................................................. 23
3.26
Digital filter for sigma-delta modulators (DFSDM)................................... 23
3.27
Digital camera interface (DCMI) ................................................. 25
3.28
Parallel synchronous slave interface (PSSI) ....................................... 25
3.29
LCD-TFT display controller (LTDC)............................................... 25
3.30
JPEG codec (JPEG) ........................................................... 25
3.31
True random number generator (RNG) ........................................... 26
3.32
Cryptographic acceleration (CRYP and HASH)..................................... 26
3.33
On-the-fly decryption engine (OTFDEC) .......................................... 26
3.34
Timers and watchdogs ......................................................... 27
3.34.1
Advanced-control timers (TIM1, TIM8) ....................................... 27
3.34.2
General-purpose timers (TIMx) ............................................. 28
3.34.3
Basic timers (TIM6 and TIM7) .............................................. 28
3.34.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3) ................................. 28
3.34.5
Independent watchdog ................................................... 28
3.34.6
Window watchdog....................................................... 29
3.34.7
SysTick timer .......................................................... 29
3.35
Real-time clock (RTC) ......................................................... 29
3.36
Tamper and backup registers (TAMP) ............................................ 29
3.37
Inter-integrated circuit interface (I2C) ............................................. 30
3.38
Universal synchronous/asynchronous receiver transmitter (USART) ................... 30
3.39
Low-power universal asynchronous receiver transmitter (LPUART) ................... 31
3.40
Serial peripheral interfaces (SPI)/integrated interchip sound interfaces (I2S) ............ 31
3.41
Serial audio interfaces (SAI) .................................................... 32
3.42
SPDIFRX receiver interface (SPDIFRX) .......................................... 32
3.43
Single wire protocol master interface (SWPMI)..................................... 32
3.44
Management data input/output (MDIO) slaves ..................................... 32
3.45
SD/SDIO/MMC card host interfaces (SDMMC) ..................................... 33
3.46
Controller area network (FDCAN1, FDCAN2) ...................................... 33
3.47
Universal serial bus on-the-go high-speed (OTG_HS) ............................... 33
3.48
High-definition multimedia interface (HDMI) - consumer electronics control (CEC) ....... 34
3.49
Debug infrastructure ........................................................... 34
4
Memory mapping .................................................................35
5
Pin descriptions ..................................................................36
STM32H7B3xI
Contents
DS13139 - Rev 8
page 229/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More