Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B3AI Fiches technique(PDF) 227 Page - STMicroelectronics

No de pièce STM32H7B3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI Fiches technique(HTML) 227 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 223Page - STMicroelectronics STM32H7B3AI Datasheet HTML 224Page - STMicroelectronics STM32H7B3AI Datasheet HTML 225Page - STMicroelectronics STM32H7B3AI Datasheet HTML 226Page - STMicroelectronics STM32H7B3AI Datasheet HTML 227Page - STMicroelectronics STM32H7B3AI Datasheet HTML 228Page - STMicroelectronics STM32H7B3AI Datasheet HTML 229Page - STMicroelectronics STM32H7B3AI Datasheet HTML 230Page - STMicroelectronics STM32H7B3AI Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 238 page
background image
Date
Revision
Changes
Added note to td(SDCLKL- SDNE) maximum value in Table 86. SDRAM read timings,
Table 87. LPSDR SDRAM read timings, Table 88. SDRAM write timings and
Table 89. LPSDR SDRAM write timings.
Updated Figure 56. Typical connection diagram using the ADC with FT/TT pins
featuring analog switch function and notes below figures.
Added note to tSAMP in Table 96. DAC characteristics.
Updated Table 108. DFSDM measured timing 1.62-3.6 V.
In Table 117. USART characteristics, replaced tsu(SI) and tsu(MI) by tsu(RX), th(SI)
and th(MI) by th(RX), tv(SO) and tv(MO) by tv(TX), and th(SO) and th(MO) by th(TX).
Updated Section 7.1 LQFP64 package information, Section 7.2 LQFP100
package information, Section 7.3 TFBGA100 package information,
Section 7.4.1 Device marking for WLCSP132, Section 7.5.1 Device marking for
LQFP144, Section 7.6.1 Device marking for LQFP176, Section 7.7.1 Device
marking for TFBGA216, Section 7.8 TFBGA225 package information
including Figure 105. TFBGA225 marking example (package top view),
Section 7.9 UFBGA169 package information and Section 7.10 UFBGA(176+25)
package information.
Added Section Important security notice.
STM32H7B3xI
DS13139 - Rev 8
page 227/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More