| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32U595AI Fiches technique(PDF) 233 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI Fiches technique(HTML) 233 Page - STMicroelectronics |
|
233 / 377 page ![]() DS13633 Rev 1 233/377 STM32U59xxx Electrical characteristics 343 I2C6 3.02 2.77 2.50 2.23 - 1.53 1.23 1.04 0.84 - µA/ MH I2C6 indep(1) 2.19 2.00 1.81 1.61 - 1.08 0.90 0.75 0.59 - LPTIM2 1.36 1.23 1.12 1.02 - 0.66 0.55 0.46 0.38 - LPTIM2 indep(1) 4.01 3.66 3.32 2.97 - 1.98 1.64 1.38 1.10 - LTDC 10.29 9.38 8.49 7.59 - 5.07 4.22 3.54 2.80 - SPI2 1.89 1.71 1.54 1.42 - 0.91 0.76 0.64 0.53 - SPI2 indep(1) 0.71 0.64 0.58 0.51 - 0.35 0.29 0.24 0.19 - TIM2 4.75 4.30 3.91 3.50 - 2.33 1.93 1.63 1.30 - TIM3 4.74 4.30 3.91 3.50 - 2.32 1.93 1.62 1.30 - TIM4 4.73 4.32 3.93 3.53 - 2.34 1.94 1.63 1.31 - TIM5 4.82 4.41 4.01 3.60 - 2.38 1.98 1.66 1.34 - TIM6 0.92 0.86 0.77 0.71 - 0.50 0.38 0.32 0.26 - TIM7 0.92 0.86 0.77 0.71 - 0.45 0.39 0.32 0.26 - UART4 2.04 1.89 1.71 1.57 - 1.05 0.84 0.71 0.58 - UART4 indep(1) 3.88 3.55 3.23 2.88 - 1.91 1.59 1.34 1.07 - UART5 2.07 1.91 1.73 1.58 - 1.02 0.85 0.72 0.58 - UART5 indep(1) 3.70 3.38 3.07 2.73 - 1.82 1.52 1.28 1.02 - UCPD1 1.73 1.60 1.45 1.31 - 0.86 0.71 0.60 0.49 - USART2 7.03 6.44 5.84 5.26 - 3.47 2.90 2.43 1.95 - USART2 indep(1) 4.97 4.55 4.14 3.69 - 2.45 2.05 1.72 1.38 - USART3 2.34 2.16 1.95 1.79 - 1.15 0.96 0.81 0.66 - USART3 indep(1) 4.64 4.24 3.86 3.43 - 2.29 1.91 1.61 1.29 - USART6 6.61 6.03 5.48 4.89 - 3.25 2.71 2.29 1.82 - USART6 indep(1) 4.49 4.11 3.73 3.32 - 2.21 1.85 1.55 1.24 - WWDG 0.47 0.45 0.39 0.34 - 0.23 0.19 0.17 0.14 - APB2 0.83 0.59 0.51 0.47 - 0.31 0.24 0.22 0.16 - DSI 13.76 12.53 11.33 10.14 - 6.78 5.65 4.74 3.86 - SAI1 1.68 1.51 1.36 1.22 - 0.81 0.68 0.56 0.45 - SAI1 indep(1) 1.30 1.18 1.08 0.95 - 0.64 0.53 0.45 0.34 - Table 63. Typical dynamic current consumption of peripherals (continued) Bus Peripheral LDO SMPS Unit Range 1 Range 2 Range 3 Range 4 Stop 1/2 Range 1 Range 2 Range 3 Range 4 Stop 1/2 |