Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595AI Fiches technique(PDF) 167 Page - STMicroelectronics

No de pièce STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Fiches technique(HTML) 167 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 163Page - STMicroelectronics STM32U595AI Datasheet HTML 164Page - STMicroelectronics STM32U595AI Datasheet HTML 165Page - STMicroelectronics STM32U595AI Datasheet HTML 166Page - STMicroelectronics STM32U595AI Datasheet HTML 167Page - STMicroelectronics STM32U595AI Datasheet HTML 168Page - STMicroelectronics STM32U595AI Datasheet HTML 169Page - STMicroelectronics STM32U595AI Datasheet HTML 170Page - STMicroelectronics STM32U595AI Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 377 page
background image
PB0
-
-
OCTOSPIM_P1_IO1
LPGPIO1_P9
COMP1_OUT
AUDIOCLK
-
EVENTOUT
PB1
LPUART1_RTS_
DE
-
OCTOSPIM_P1_IO0
LPGPIO1_P3
-
-
LPTIM2_IN1
EVENTOUT
PB2
LCD_B1
-
OCTOSPIM_P1_
DQS
UCPD1_
FRSTX1
-
-
-
EVENTOUT
PB3
-
-
CRS_SYNC
LPGPIO1_P11
SDMMC2_D2
SAI1_SCK_B
-
EVENTOUT
PB4
UART5_RTS_
DE
TSC_G2_IO1
DCMI_D12/
PSSI_D12
LPGPIO1_P12
SDMMC2_D3
SAI1_MCLK_B
TIM17_BKIN
EVENTOUT
PB5
UART5_CTS
TSC_G2_IO2
DCMI_D10/
PSSI_D10
-
COMP2_OUT
SAI1_SD_B
TIM16_BKIN
EVENTOUT
PB6
-
TSC_G2_IO3
DCMI_D5/PSSI_D5
-
-
SAI1_FS_B
TIM16_CH1N
EVENTOUT
PB7
UART4_CTS
TSC_G2_IO4
DCMI_VSYNC/
PSSI_RDY
-
FMC_NL
-
TIM17_CH1N
EVENTOUT
PB8
SDMMC1_CKIN
FDCAN1_RX
DCMI_D6/PSSI_D6
SDMMC2_D4
SDMMC1_D4
SAI1_MCLK_A
TIM16_CH1
EVENTOUT
PB9
SDMMC1_CDIR
FDCAN1_TX
DCMI_D7/PSSI_D7
SDMMC2_D5
SDMMC1_D5
SAI1_FS_A
TIM17_CH1
EVENTOUT
PB10
LPUART1_RX
TSC_SYNC
OCTOSPIM_P1_
CLK
LPGPIO1_P4
COMP1_OUT
SAI1_SCK_A
-
EVENTOUT
PB11
LPUART1_TX
-
OCTOSPIM_P1_
NCS
-
COMP2_OUT
-
-
EVENTOUT
PB12
LPUART1_RTS_
DE
TSC_G1_IO1
OCTOSPIM_P1_
NCLK
-
-
SAI2_FS_A
TIM15_BKIN
EVENTOUT
PB13
LPUART1_CTS
TSC_G1_IO2
-
-
-
SAI2_SCK_A
TIM15_CH1N
EVENTOUT
PB14
-
TSC_G1_IO3
-
-
SDMMC2_D0
SAI2_MCLK_A
TIM15_CH1
EVENTOUT
PB15
-
-
-
FMC_NBL1
SDMMC2_D1
SAI2_SD_A
TIM15_CH2
EVENTOUT
Table 28. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
HSPI1/LCD/
LPUART1/
SDMMC1/
UART4/5
CAN1/TSC
CRS/DCMI/
OCTOSPIM_P1/2/
OTG_HS
DSI/FMC/
LPGPIO1/
SDMMC2/
UCPD1
COMP1/2/FMC/
SDMMC1/2/
SYS_AF
LPTIM2/4/
SAI1/2
LPTIM2/3/
TIM2/15/16/17
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More