Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595AI Fiches technique(PDF) 138 Page - STMicroelectronics

No de pièce STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Fiches technique(HTML) 138 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 134Page - STMicroelectronics STM32U595AI Datasheet HTML 135Page - STMicroelectronics STM32U595AI Datasheet HTML 136Page - STMicroelectronics STM32U595AI Datasheet HTML 137Page - STMicroelectronics STM32U595AI Datasheet HTML 138Page - STMicroelectronics STM32U595AI Datasheet HTML 139Page - STMicroelectronics STM32U595AI Datasheet HTML 140Page - STMicroelectronics STM32U595AI Datasheet HTML 141Page - STMicroelectronics STM32U595AI Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 377 page
background image
52
79 A10 112
B4
J5
A9
C10 B10
52
79
A10 112
A9
PC11
I/O
FT_ha
-
LPTIM3_IN1,
ADF1_SDI0,
DCMI_D2/PSSI_D2,
OCTOSPIM_P1_NCS,
SPI3_MISO,
USART3_RX(boot),
UART4_RX,
TSC_G3_IO3,
DCMI_D4/PSSI_D4,
UCPD1_FRSTX2,
SDMMC1_D3,
SAI2_MCLK_B,
EVENTOUT
-
53
80 B10 113
J5
A5
E8
E14 C10
53
80
B10 113
E8
PC12
I/O FT_hav
-
TRACED3,
SPI3_MOSI,
USART3_CK,
UART5_TX,
TSC_G3_IO4,
DCMI_D9/PSSI_D9,
LPGPIO1_P10,
SDMMC1_CK,
SAI2_SD_B,
EVENTOUT
-
-
81
C9
114
G5
C5
B9
F15
D9
-
81
C9
114
B9
PD0
I/O
FT_fh
-
I2C6_SDA,
TIM8_CH4N,
I2C5_SDA, SPI2_NSS,
LCD_B4, FDCAN1_RX,
FMC_D2, EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More