Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B3RI Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Fiches technique(HTML) 4 Page - STMicroelectronics

  STM32H7B3RI Datasheet HTML 1Page - STMicroelectronics STM32H7B3RI Datasheet HTML 2Page - STMicroelectronics STM32H7B3RI Datasheet HTML 3Page - STMicroelectronics STM32H7B3RI Datasheet HTML 4Page - STMicroelectronics STM32H7B3RI Datasheet HTML 5Page - STMicroelectronics STM32H7B3RI Datasheet HTML 6Page - STMicroelectronics STM32H7B3RI Datasheet HTML 7Page - STMicroelectronics STM32H7B3RI Datasheet HTML 8Page - STMicroelectronics STM32H7B3RI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 238 page
background image
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of the STM32H7B3xI
microcontrollers.
This document should be read in conjunction with the STM32H7B3xI reference manual (RM0455). The reference
manual is available from the STMicroelectronics website .
For information on the device errata with respect to the datasheet and reference manual, refer to the
STM32H7B3xI errata sheet (ES0478), available on the STMicroelectronics website .
For information on the Arm® Cortex®-M7 core, refer to the Cortex®-M7 Technical Reference Manual, available
from the www.arm.com website
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
STM32H7B3xI
Introduction
DS13139 - Rev 8
page 4/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More