Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32C011X6 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32C011X6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011X6 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32C011X6 Datasheet HTML 30Page - STMicroelectronics STM32C011X6 Datasheet HTML 31Page - STMicroelectronics STM32C011X6 Datasheet HTML 32Page - STMicroelectronics STM32C011X6 Datasheet HTML 33Page - STMicroelectronics STM32C011X6 Datasheet HTML 34Page - STMicroelectronics STM32C011X6 Datasheet HTML 35Page - STMicroelectronics STM32C011X6 Datasheet HTML 36Page - STMicroelectronics STM32C011X6 Datasheet HTML 37Page - STMicroelectronics STM32C011X6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
*
Table 19. Port F alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PF2
MCO
TIM1_CH4
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94