Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEF512SRI Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Fiches technique(HTML) 4 Page - STMicroelectronics

  STEF512SRI Datasheet HTML 1Page - STMicroelectronics STEF512SRI Datasheet HTML 2Page - STMicroelectronics STEF512SRI Datasheet HTML 3Page - STMicroelectronics STEF512SRI Datasheet HTML 4Page - STMicroelectronics STEF512SRI Datasheet HTML 5Page - STMicroelectronics STEF512SRI Datasheet HTML 6Page - STMicroelectronics STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
3
Typical application circuit
Figure 3. Typical application circuit
Table 2. Recommended application components
Symbol
Description
Min.
Typ.
Max.
Unit
CIN_12
Input capacitor 12 V rail
1
10
µF
CIN_5
Input capacitor 5 V rail
1
10
µF
COUT_12
Output capacitor 12 V rail
10
47
µF
COUT_5
Output capacitor 5 V rail
10
47
µF
CMON_x
Current monitor pin filter capacitor
1
10
nF
RMON_x
Current monitor pin resistor
10
kΩ
STEF512SRI
Typical application circuit
DS14138 - Rev 1
page 4/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28