| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2119RU/2 Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU/2 Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 68 page ![]() 2003 Jan 30 26 Philips Semiconductors Product specification LCD controllers/drivers PCF2119X Table 9 Explanation of S1 and S0 used in Table 6 S1 S0 DESCRIPTION 0 0 set internal HVgen stages to 1 (2 × voltages multiplier) o 1 set internal HVgen stages to 2 (3 × voltages multiplier) 1 0 set internal HVgen stages to 3 (4 × voltages multiplier) 1 1 do not use Fig.16 4-bit transfer example. MGA804 RS E DB7 R/W DB6 DB5 DB4 instruction write busy flag and address counter read data register read IR7 IR3 BF AC3 DR7 DR3 IR6 IR2 AC6 AC2 DR6 DR2 IR5 IR1 AC5 AC1 DR5 DR1 IR4 IR0 AC4 AC0 DR4 DR0 |