Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMA040AA Fiches technique(PDF) 22 Page - Microsemi Corporation

No de pièce MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Fiches technique(HTML) 22 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 14Page - Microsemi Corporation MMA040AA Datasheet HTML 15Page - Microsemi Corporation MMA040AA Datasheet HTML 16Page - Microsemi Corporation MMA040AA Datasheet HTML 17Page - Microsemi Corporation MMA040AA Datasheet HTML 18Page - Microsemi Corporation MMA040AA Datasheet HTML 19Page - Microsemi Corporation MMA040AA Datasheet HTML 20Page - Microsemi Corporation MMA040AA Datasheet HTML 21Page - Microsemi Corporation MMA040AA Datasheet HTML 22Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
22
6 Ordering Information
The following table shows the ordering information for the MMA040AA device.
Table 6 Ordering Information
Part Number
Package
MMA040AA
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22