| Moteur de recherche de fiches techniques de composants électroniques |
|
CS1311 Fiches technique(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS1311 Fiches technique(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 25 page ![]() Revision 2.2 7 www.national.com System Architecture (Continued) 1.2.4.3 Communications Driver Software The communications driver software includes most of the components that perform the communication and control tasks between the Geode SCx200 and the CS1301/CS1311 (see Table 1-3). 1.2.4.4 Software Development Kit The Software Development Kit (SDK) includes the core software components that run on the TM32A core of the CS1301/CS1311. These are the supporting software com- ponents that enable the execution of the codec software on the CS1301/CS1311 (see Table 1-4). 1.2.4.5 System Software To expand system functionality beyond media decoding, Geode software components are included. These are stan- dard components to be used in a non-media enabled appli- cation to support the required functions of an Information Appliance. In some cases, these drivers have been opti- mized to work with the CS1301/CS1311 (see Table 1-5). Table 1-3. Communications Driver Software Components IP Owner(s) Available as Source/Binary Licensing Requirements Host TMMan Driver National Semiconductor Philips Semiconductors Open Source Per Philips Semiconductors public source license provi- sions. TM TMMan Library TMComm Library HostComm Library TMCRT Library TMMan 32 LibLoad TriMedia Technologies, Inc. Binary NA Table 1-4. SDK Software Components IP Owner(s) Available as Source/Binary Licensing Requirements COMMTM National Semiconductor Philips Semiconductors Binary NA Video Renderer Audio Renderer TRead VTrans Crystal PSOS VxWorks Binary OS run-time licenses. Table 1-5. System Software Components IP Owner(s) Available as Source/Binary Licensing Requirements Graphics Driver (Linux, WinCE.net) National Semiconductor Source National source code license. Audio Driver (Linux, WinCE.net) WinCE.net Power Management OAL Touchscreen Driver (Linux, WinCE.net) National’s DP83815 MacPHYTER™ Network Driver (Linux, WinCE.net) |