| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W320CT100ZB6T Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320CT100ZB6T Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 42 page ![]() M28W320CT, M28W320CB 20/42 Table 20. DC Characteristics (TA =0 to 70°C or –40 to 85°C; VDD =VDDQ = 2.7V to 3.6V) Symbol Parameter Test Conditio n Min Typ Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VDDQ ±1 µA ILO Output Leakage Current 0V ≤ VOUT ≤VDDQ ±10 µA ICC Supply Current (Read) E= VSS,G= VIH, f = 5MHz 10 20 mA ICC1 Supply Current (Stand-by or Automatic Stand-by) E= VDDQ ± 0.2V, RP = VDDQ ± 0.2V 15 50 µA ICC2 Supply Current (Reset) RP = VSS ± 0.2V 15 50 µA ICC3 Supply Current (Program) Program in progress VPP = 12V ± 5% 10 20 mA Program in progress VPP =VDD 10 20 mA ICC4 Supply Current (Erase) Erase in progress VPP = 12V ± 5% 520 mA Erase in progress VPP =VDD 520 mA ICC5 Supply Current (Program/Erase Suspend) E=VDDQ ± 0.2V, Erase suspended 50 µA IPP Program Current (Read or Stand-by) VPP >VDD 400 µA IPP1 Program Current (Read or Stand-by) VPP ≤ VDD 5 µA IPP2 Program Current (Reset) RP = VSS ± 0.2V 5 µA IPP3 Program Current (Program) Program in progress VPP = 12V ± 5% 10 mA Program in progress VPP =VDD 5 µA IPP4 Program Current (Erase) Erase in progress VPP = 12V ± 5% 10 mA Erase in progress VPP =VDD 5 µA VIL Input Low Voltage –0.5 0.4 V VDDQ ≥ 2.7V –0.5 0.8 V VIH Input High Voltage VDDQ –0.4 VDDQ +0.4 V VDDQ ≥ 2.7V 0.7 VDDQ VDDQ +0.4 V VOL Output Low Voltage IOL = 100µA, VDD =VDD min, VDDQ =VDDQ min 0.1 V VOH Output High Voltage IOH = –100µA, VDD =VDD min, VDDQ =VDDQ min VDDQ –0.1 V VPP1 Program Voltage (Program or Erase operations) 1.65 3.6 V VPPH Program Voltage (Program or Erase operations) 11.4 12.6 V VPPLK Program Voltage (Program and Erase lock-out) 1V VLKO VDD Supply Voltage (Program and Erase lock-out) 2V |