| Moteur de recherche de fiches techniques de composants électroniques |
|
DM7450 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM7450 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF9778 June 1989 DM7450 Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate General Description This device contains two independent combinations of gates each of which perform the logic AND-OR-INVERT function One set of gates has an expander node Connection Diagram Dual-In-Line Package TLF9778 – 1 Order Number DM7450N See NS Package Number N14A C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM7450 |
|
Description similaire - DM7450 |