| Moteur de recherche de fiches techniques de composants électroniques |
|
831724 Fiches technique(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
831724 Fiches technique(HTML) 7 Page - Renesas Technology Corp |
|
7 / 23 page ![]() 7 ©2016 Integrated Device Technology, Inc Revision B November 16, 2016 831724 Datasheet NOTE 12: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for this measurement. See Parameter Measurement Information Section. NOTE 13: Defined as the total variation of all crossing voltage of rising Q and falling nQ. This is the maximum allowed variance in the VCROSS for any particular system. See Parameter Measurement Information Section. NOTE 14: Input duty cycle must be 50%. NOTE 15: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points. |