| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4252BCP Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4252BCP Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 28 page ![]() REV. B ADF4252 –3– TIMING CHARACTERISTICS* Limit at TMIN to TMAX Parameter (B Version) Unit Test Conditions/Comments t1 10 ns min LE Setup Time t2 10 ns min DATA to CLOCK Setup Time t3 10 ns min DATA to CLOCK Hold Time t4 25 ns min CLOCK High Duration t5 25 ns min CLOCK Low Duration t6 10 ns min CLOCK to LE Setup Time t7 20 ns min LE Pulse Width *Guaranteed by design, but not production tested. (VDD1 = VDD2 = VDD3 = DVDD = 3 V 10%, DVDD < VP1, VP2 < 5.5 V, GND = 0 V, unless otherwise noted.) CLOCK DATA LE LE t4 t2 t3 t5 t7 t6 DB22 DB2 DB1 (CONTROL BIT C2) DB0 (LSB) (CONTROL BIT C1) DB23 (MSB) t1 Figure 1. Timing Diagram |