| Moteur de recherche de fiches techniques de composants électroniques |
|
EP2F Fiches technique(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EP2F Fiches technique(HTML) 1 Page - NEC |
|
1 / 8 page ![]() DATA SHEET EP2F/EP1F SERIES AUTOMOTIVE RELAYS HIGH HEAT RESISTIVITY Document No. ER0145EJ1V0DS00 Date Published December 1995 M Printed in Japan 1995 DESCRIPTION The NEC EP2F / EP1F series are PC-board mount type automotive relays suitable for various motor controls and other applications that require a high level of quality and performance. The operate temperature range for EP2F / EP1F series is –40˚C through +125˚C. By this high heat resistivity, the contact carrying current of EP2F / EP1F series at 25˚C increases 1.3 or 1.4 times compared with that of EP2 / EP1 series. FEATURES ™ Operating ambient temperature up to +125˚C (EP2 / EP1 : +85˚C) ™ Suitable for motor and solenoid reversible control ™ High performance and productivity by unique structure ™ Flux tight housing APPLICATIONS ™ Power window control ™ Power sunroof ™ Wiper system © EP2F SERIES EP1F SERIES |
Numéro de pièce similaire - EP2F |
|
Description similaire - EP2F |