Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSB-R001BN Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce HSB-R001BN
Description  For IEEE-1394 High Performance Serial Bus Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

HSB-R001BN Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  HSB-R001BN Datasheet HTML 1Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 2Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 3Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 4Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 5Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 6Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
●
  ●
HSB Series
Unit : mm
HSB-ARA62-SN15A
■Right Angle Flat Receptacle(SMT Type)
13.50
11.30
2.00
2.00
0.40
0.40
10.00
0.50
11.70
1.00
PITCH
Pin No.1
1.70
14.50
4.65
2.00
φ1.50
Pin No.1
Pin No.6
1.50
11.70 ± 0.05
6-0.70 ± 0.10
CONTACT NUMBER
OBLONG HOLES
B
0.50
5.00REF.
○
0.10
0.10
A
A
SHIELD SOLDER PADS
1.00
10.00
± 0.05
2-φ1.60 ± 0.05 穴
A
0.20 B
0.20 B
P.C.B. EDGE
2-1.60 ± 0.10
2-1.00 ± 0.10
○
○
PITCH
6 5 4 3 2 1
PCB Mounting Dimensions
PCB Thickness : t=1.60±0.19
( Connector Mounting Side)
3
A
HSB



Html Pages

1 2 3 4 5 6 7