Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC74A Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74LVC74A
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC74A Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC74A Datasheet HTML 2Page - NXP Semiconductors 74LVC74A Datasheet HTML 3Page - NXP Semiconductors 74LVC74A Datasheet HTML 4Page - NXP Semiconductors 74LVC74A Datasheet HTML 5Page - NXP Semiconductors 74LVC74A Datasheet HTML 6Page - NXP Semiconductors 74LVC74A Datasheet HTML 7Page - NXP Semiconductors 74LVC74A Datasheet HTML 8Page - NXP Semiconductors 74LVC74A Datasheet HTML 9Page - NXP Semiconductors 74LVC74A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
74LVC74A
Dual D-type flip-flop with set and reset;
positive-edge trigger
1998 Jun 17
8
SSOP14:
plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1



Html Pages

1 2 3 4 5 6 7 8 9 10