Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7LVC374APWDH Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 7LVC374APWDH
Description  Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC374APWDH Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 7LVC374APWDH Datasheet HTML 4Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 5Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 6Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 7Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 8Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 9Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 10Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 11Page - NXP Semiconductors 7LVC374APWDH Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74LVC374A
Octal D-type flip-flop with 5-volt tolerant
inputs/outputs; positive edge-trigger (3-State)
1998 Jul 29
9
SSOP20:
plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12