Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC32APW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74LVC32APW
Description  Quad 2-input OR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32APW Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC32APW Datasheet HTML 2Page - NXP Semiconductors 74LVC32APW Datasheet HTML 3Page - NXP Semiconductors 74LVC32APW Datasheet HTML 4Page - NXP Semiconductors 74LVC32APW Datasheet HTML 5Page - NXP Semiconductors 74LVC32APW Datasheet HTML 6Page - NXP Semiconductors 74LVC32APW Datasheet HTML 7Page - NXP Semiconductors 74LVC32APW Datasheet HTML 8Page - NXP Semiconductors 74LVC32APW Datasheet HTML 9Page - NXP Semiconductors 74LVC32APW Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
74LVC32A
Quad 2-input OR gate
1997 Jun 30
8
TSSOP14:
plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1



Html Pages

1 2 3 4 5 6 7 8 9 10