Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC1944T-E/J6CX. Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Fiches technique(HTML) 22 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 18Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 19Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 20Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 21Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 22Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 23Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 24Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 25Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
PAC194X
DS20006543A-page 22
 2021 Microchip Technology Inc.
4.1
Layout Considerations
It is important to optimize the layout of the RSENSE to
ensure the most accurate measurements. When
RSENSE values are very low, resistor connections and
solder joint variation can play a large role in the accu-
racy of the system. Figure 4-3 shows the recom-
mended PCB pattern for a sense resistor (highlighted
in red) with wide metal trace for the high-current path.
The drawing shows metal, solder paste openings and
the resistor outline. VSOURCE connects to the +terminal
of the high-current path and the load connects to the
-terminal of the high-current path. SENSE+ and
SENSE- have a Kelvin connection to the current sense
resistor to ensure that no metal with high current is
included in the VSENSE measurement path. SENSE+
and SENSE- must be routed as a differential pair to the
SENSE inputs at the chip. The input pins allow for a
typical VSENSE trace resistance of 1 k, which allows
the routing flexibility far from the chip itself on the
board.
FIGURE 4-3:
PCB Pattern for Sense
Resistor.
-
+
High Current Path
Sense Resistor
Kelvin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96