Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS2113-C Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Fiches technique(HTML) 17 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 13Page - Microchip Technology UCS2113-C Datasheet HTML 14Page - Microchip Technology UCS2113-C Datasheet HTML 15Page - Microchip Technology UCS2113-C Datasheet HTML 16Page - Microchip Technology UCS2113-C Datasheet HTML 17Page - Microchip Technology UCS2113-C Datasheet HTML 18Page - Microchip Technology UCS2113-C Datasheet HTML 19Page - Microchip Technology UCS2113-C Datasheet HTML 20Page - Microchip Technology UCS2113-C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 17
UCS2113-C
5.0
GENERAL DESCRIPTION
The UCS2113-C is a dual-port power switch. Two USB
power ports are supported with current limits up to 5.2A
each. Selectable and programmable current limiting
configurations are also available to the application. A
typical block diagram is shown in Figure 5-1.
FIGURE 5-1:
Typical USB Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60