| Moteur de recherche de fiches techniques de composants électroniques |
|
LMK6C Fiches technique(PDF) 49 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMK6C Fiches technique(HTML) 49 Page - Texas Instruments |
|
49 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Mar-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMK6CE02500CDLFR ACTIVE VSON DLF 4 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LCBG Samples LMK6CE02500CDLFT ACTIVE VSON DLF 4 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LCBG Samples LMK6CE15625DDLFR ACTIVE VSON DLF 4 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LC12 Samples LMK6CE15625DDLFT ACTIVE VSON DLF 4 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LC12 Samples LMK6HA10000ADLFR ACTIVE VSON DLF 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LHA8 Samples LMK6HA10000ADLFT ACTIVE VSON DLF 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LHA8 Samples LMK6PA15625ADLER ACTIVE VSON DLE 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LPA2 Samples LMK6PA15625ADLET ACTIVE VSON DLE 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LPA2 Samples PLMK6CE01920CDLFT ACTIVE VSON DLF 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE02400CDLET ACTIVE VSON DLE 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE02400CDLFT ACTIVE VSON DLF 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE02500CDLET ACTIVE VSON DLE 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE02500CDLFT ACTIVE VSON DLF 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE04000CDLFT ACTIVE VSON DLF 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE05000CDLFT ACTIVE VSON DLF 4 250 TBD Call TI Call TI -40 to 105 Samples PLMK6CE15625CDLFT ACTIVE VSON DLF 4 250 TBD Call TI Call TI -40 to 105 PCEC Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. Addendum-Page 1 |