Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC241ADB Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74LVC241ADB
Description  Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC241ADB Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC241ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Octal buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
Philips Semiconductors
Product specification
74LVC241A
1998 May 20
9
TSSOP20:
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10