| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2245APWDH Fiches technique(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2245APWDH Fiches technique(HTML) 10 Page - NXP Semiconductors |
|
10 / 17 page ![]() 2003 Nov 17 10 Philips Semiconductors Product specification Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state 74LVC2245A AC WAVEFORMS handbook, halfpage MNA176 An, Bn input Bn, An output tPLH tPHL GND VI VM VM VM VM VOH VOL Fig.5 The inputs An, Bn to outputs Bn, An propagation delays. VOL and VOH are typical output voltage drop that occur with the output load. VCC VM INPUT VI tr =tf 1.2 V 0.5 × VCC VCC ≤ 2.5 ns 2.7 V 1.5 V 2.7 V ≤ 2.5 ns 3.0 to 3.6 V 1.5 V 2.7 V ≤ 2.5 ns handbook, full pagewidth MNA395 tPLZ tPHZ outputs disabled outputs enabled VY VX outputs enabled Qn output LOW-to-OFF OFF-to-LOW Qn output HIGH-to-OFF OFF-to-HIGH OE input VI VOL VOH VCC VM GND GND tPZL tPZH VM VM Fig.6 3-state enable and disable times. VX =VOL +0.3VatVCC ≥ 2.7 V; VX =VOL +0.1VatVCC < 2.7 V; VY =VOH − 0.3VatVCC ≥ 2.7 V; VY =VOH − 0.1VatVCC < 2.7 V. VOL and VOH are typical output voltage drop that occur with the output load. VCC VM INPUT VI tr =tf 1.2 V 0.5 × VCC VCC ≤ 2.5 ns 2.7 V 1.5 V 2.7 V ≤ 2.5 ns 3.0 to 3.6 V 1.5 V 2.7 V ≤ 2.5 ns |