Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX384_SER Fiches technique(PDF) 4 Page - Nexperia B.V. All rights reserved

No de pièce BZX384_SER
Description  Voltage regulator diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BZX384_SER Fiches technique(HTML) 4 Page - Nexperia B.V. All rights reserved

  BZX384_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BZX384_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
BZX384 series
Voltage regulator diodes
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
250
mA
IZSM
non-repetitive peak
reverse current
[1] -
see
Tables 8 and
9
PZSM
non-repetitive peak
reverse power dissipation
[1] -
40
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
+150
°C
Tstg
storage temperature
-65
+150
°C
[1] tp = 100 μs; square wave; Tj = 25 °C prior to surge.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
415
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2] -
-
110
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Soldering point of cathode tab.
10. Characteristics
Table 7. Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 10 mA
[1] -
-
0.9
V
VF
forward voltage
IF = 100 mA
[1] -
-
1.1
V
[1] Pulse test: tp ≤ 100 μs; δ ≤ 0.02.
BZX384_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 4 — 1 January 2023
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com