Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C5EC3EARCH-RM/D Fiches technique(PDF) 64 Page - NXP Semiconductors

No de pièce C5EC3EARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Fiches technique(HTML) 64 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 61Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 62Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 63Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 64Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 65Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 66Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 67Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
64
CHAPTER 2: SIGNAL DESCRIPTIONS
C
T 1-29
T1
TA0
T9
TWE3X
T17
GND
T25
MD7
T2
TCE0X
T10
VDDT
T18
VDD
T26
MD6
T3
TCE1X
T11
GND
T19
GND
T27
MD5
T4
TCE2X
T12
VDD
T20
VDD33
T28
MD4
T5
TCE3X
T13
GND
T21
MD11
T29
MD3
T6
TWE0X
T14
VDD
T22
MD10
T7
TWE1X
T15
GND
T23
MD9
T8
TWE2X
T16
VDD
T24
MD8
U 1-29
U1
TA1
U9
TA7
U17
VDD
U25
CPF_6
U2
VDDT
U10
GND
U18
GND
U26
CPF_5
U3
TA2
U11
VDD
U19
VDD
U27
CPF_4
U4
TA3
U12
GND
U20
GND
U28
VDD33
U5
TA4
U13
VDD
U21
MD2
U29
CPF_3
U6
GND
U14
GND
U22
MD1
U7
TA5
U15
VDD
U23
MD0
U8
TA6
U16
GND
U24
GND
V 1-29
V1
TA8
V9
TA14
V17
GND
V25
CPE_6
V2
TA9
V10
VDDT
V18
VDD
V26
CPE_5
V3
GND
V11
GND
V19
GND
V27
GND
V4
TA10
V12
VDD
V20
VDD33
V28
CPE_4
V5
TA11
V13
GND
V21
CPF_2
V29
CPE_3
V6
TA12
V14
VDD
V22
CPF_1
V7
VDDT
V15
GND
V23
VDD33
V8
TA13
V16
VDD
V24
CPF_0
Table 32 Signals Listed by Pin Number (continued)
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More