| Moteur de recherche de fiches techniques de composants électroniques |
|
C5NPARCH-RM/D Fiches technique(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
C5NPARCH-RM/D Fiches technique(HTML) 64 Page - NXP Semiconductors |
|
64 / 114 page ![]() 64 CHAPTER 2: SIGNAL DESCRIPTIONS C T 1-29 T1 TA0 T9 TWE3X T17 GND T25 MD7 T2 TCE0X T10 VDDT T18 VDD T26 MD6 T3 TCE1X T11 GND T19 GND T27 MD5 T4 TCE2X T12 VDD T20 VDD33 T28 MD4 T5 TCE3X T13 GND T21 MD11 T29 MD3 T6 TWE0X T14 VDD T22 MD10 T7 TWE1X T15 GND T23 MD9 T8 TWE2X T16 VDD T24 MD8 U 1-29 U1 TA1 U9 TA7 U17 VDD U25 CPF_6 U2 VDDT U10 GND U18 GND U26 CPF_5 U3 TA2 U11 VDD U19 VDD U27 CPF_4 U4 TA3 U12 GND U20 GND U28 VDD33 U5 TA4 U13 VDD U21 MD2 U29 CPF_3 U6 GND U14 GND U22 MD1 U7 TA5 U15 VDD U23 MD0 U8 TA6 U16 GND U24 GND V 1-29 V1 TA8 V9 TA14 V17 GND V25 CPE_6 V2 TA9 V10 VDDT V18 VDD V26 CPE_5 V3 GND V11 GND V19 GND V27 GND V4 TA10 V12 VDD V20 VDD33 V28 CPE_4 V5 TA11 V13 GND V21 CPF_2 V29 CPE_3 V6 TA12 V14 VDD V22 CPF_1 V7 VDDT V15 GND V23 VDD33 V8 TA13 V16 VDD V24 CPF_0 Table 32 Signals Listed by Pin Number (continued) PIN FUNCTION PIN FUNCTION PIN FUNCTION PIN FUNCTION Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |