Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C5EC3EARCH-RM/D Fiches technique(PDF) 68 Page - NXP Semiconductors

No de pièce C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Fiches technique(HTML) 68 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 64Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 65Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 66Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 67Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 68Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 69Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 70Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 71Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
68
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Figure 7 Observe-Only Cell
Figure 8 Cell Design That Can Be Used for Both Input and Output Pins
G1
0
1
1D
C1
From System Pin
To next cell
To System Logic
G1
0
1
1D
C1
To/From
System Pin
To next cell
From/To
System
Shift DR
From last cell
Clock DR
1D
C1
G1
0
1
Update DR
Node
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More