Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6355 Fiches technique(PDF) 7 Page - Anderson Power Products, Inc.

No de pièce 6355
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APP [Anderson Power Products, Inc.]
Site Internet  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6355 Fiches technique(HTML) 7 Page - Anderson Power Products, Inc.

  6355 Datasheet HTML 1Page - Anderson Power Products, Inc. 6355 Datasheet HTML 2Page - Anderson Power Products, Inc. 6355 Datasheet HTML 3Page - Anderson Power Products, Inc. 6355 Datasheet HTML 4Page - Anderson Power Products, Inc. 6355 Datasheet HTML 5Page - Anderson Power Products, Inc. 6355 Datasheet HTML 6Page - Anderson Power Products, Inc. 6355 Datasheet HTML 7Page - Anderson Power Products, Inc. 6355 Datasheet HTML 8Page - Anderson Power Products, Inc. 6355 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 121 -
All Data Subject To Change Without Notice
www.andersonpower.com
Zip Cable Straps
Zip cable straps are used to secure auxiliary wires to the side of the main power cables.
Description
Part Number
Minimum Quantity
1,000
White
H1835P3
Manual Release - Battery Side *
Works with the Charger / Truck side to ease mating and unmating connectors.
Description
Part Numbers
Minimum Quantity
72
25
Bracket and Hardware Kit
-
993G1
Battery Bracket Only
111961P1
-
Hardware Bag
-
106G6
* Torque value 50 (in - lbs) / 5.6 (Nm)
NOTE: For assembly of bracket to housing only
Manual Release - Charger/ Truck Side *
Works with the Battery side to ease mating and unmating connectors.
Description
Part Numbers
Minimum Quantity
25
Bracket and Hardware Kit
994G1
Bracket / Lever Only
B00511G4
Hardware Bag
106G6
* Torque value 50 (in lbs) / 5.6 (Nm)
NOTE: For assembly of bracket to housing only
Use cable ties to secure
auxiliary contact leads to
one of the main cables.
993G1
111961P1
994G1
B00511G4



Html Pages

1 2 3 4 5 6 7 8 9