Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCH1206LCG Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce MCH1206LCG
Description  Military Grade High Voltage Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MCH1206LCG Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  MCH1206LCG Datasheet HTML 1Page - List of Unclassifed Manufacturers MCH1206LCG Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCH0211
OhmCraft’s revolutionary fine line, thick film technology, called FineFilm, provides an
entirely new level of stability and voltage ratings in chip resistors. Our MCH series of resistors meets
the same high standards as our HVC series, but with the added feature of an extended temperature range.
♦ Voltage Ratings to 40,000 Volts
♦ Ohmic Values to 1,000 Gigohms
♦ Ultra High Stability
♦ Tight Tolerances ( to 0.1% )
♦ Low TCR and VCR
♦ Very Low noise
♦ Extended Temperature Range
(-55ºC to +125ºC)
♦ Custom Configurations
The usual hybrid technologies for manufacturing resistors
depend upon composite materials that have limitations.
Traditional thick-film methods severely limit
performance characteristics and thin-film methods are
limited in attainable ohmic values. The FineFilm method
of manufacturing offers the best characteristics of both
methods, plus adds many unique features. FineFilm
resistors feature a longer, high-aspect ratio trace of lower
resistivity film. The combination of long line, high-
aspect ratio, and higher conductivity film, give FineFilm
Note 1: Other standard & custom case sizes are available including: 0403, 0502, 0504, 1004, 1210 & 2510
Note 2: The continuous maximum voltage applied cannot exceed the maximum power rating.
Maximum Continuous Voltage:
FineFilm high voltage chip resistors offer voltage
ratings that are much higher than conventional screen
printed resistors of the same size and resistive value.
MCH Series
Military Grade High Voltage Chip Resistors
Ratings
Case Size
1
0402
0503
0603
0805
1005
1206
1505
2010
2208
2512
3512
Max. Power (W)
0.040
0.050
0.060
0.200
0.250
0.330
0.330
1.000
0.750
2.000
3.000
Max. Voltage
2 (V)
(In air)
300
350
400
600
750
1000
1200
1700
2000
2500
3500
Max. Voltage (V)
(Potted)
4000
6000
6000
10K
13K
16K
19K
30K
35K
40K
50K
Resistance Range
(ohms)
1K-
20G
1K-
200G
1K-
300G
1K-
350G
1K-
450G
1K-
500G
5K-
750G
10K-
1T
5K-
1.5T
10K-
2.0T
10K-
2.0T
Maximum Continuous Voltage Ratings
0
500
1000
1500
2000
2500
3000
3500
0402 0503 0603 0805 1005 1206 1505 2010 2208 2512 3512
OhmCraft
Conventional
resistors unmatched design efficiency, versatility, linearity,
stability and low noise. The FineFilm method allows
control of process parameters to very tight tolerances. The
result is chip resistors with outstanding stability and high
voltage ratings.
Using the same method, a complete line of FineFilm leaded
resistors, dividers and networks are manufactured. For
information on those products, please refer to the
appropriate data sheets.


Numéro de pièce similaire - MCH1206LCG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MCH12140 ONSEMI-MCH12140 Datasheet
49Kb / 4P
Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140 Datasheet
130Kb / 5P
Phase-Frequency Detector
July, 2006 ??Rev. 9
MCH12140D ONSEMI-MCH12140D Datasheet
49Kb / 4P
Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140D ONSEMI-MCH12140D Datasheet
130Kb / 5P
Phase-Frequency Detector
July, 2006 ??Rev. 9
More results

Description similaire - MCH1206LCG

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
High Voltage Chip Resistors
02-Oct-14
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
High Voltage Chip Resistors
M55342E04B1E00C IRCTT-M55342E04B1E00C Datasheet
302Kb / 3P
Precision Military Qualified Chip Resistors
logo
TT Electronics.
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
Precision Military and Space Qualified Chip Resistors
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
Precision Military and Space Qualified Chip Resistors
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
Precision Military and Space Qualified Chip Resistors
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com