Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G06 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVC1G06
Description  Inverter with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVC1G06 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Sep 07
4
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
handbook, halfpage
MNA618
AY
2
4
Fig.3 Logic symbol.
handbook, halfpage
MNA619
4
2
A
Y
Fig.4 IEE/IEC logic symbol.
handbook, halfpage
MNA620
Y
GND
A
Fig.5 Logic diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14